Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4378 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC4378
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4378 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC4378 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4378 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4378 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013.04. 26
2/3
Revision No : 0
FTC4378
3
100
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
1
COLLECTOR CURRENT I
(mA)
C
h
- I
f
-
I
C
COLLECTOR CURRENT I
(mA)
1
3
10
100
10
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0.01
300
100
10
5
COLLECTOR CURRENT I
(mA)
C
V
- I
2
4
6
8
10
12
200
400
600
800
1k
4mA
3mA
2mA
1mA
I
=0mA
B
B
I
=0mA
2mA
4mA
20mA
1k
800
600
400
200
1.2
1.0
0.8
0.6
0.4
0.2
I
- V
C
CE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
6mA
10mA
FE
C
3
10
30
100
300
1k
3k
10
30
50
100
300
500
1k
COMMON EMITTER
Ta=25℃
V
=2V
CE
ob
CB
3
5
10
30
50
100
5
10
30
50
COMMON EMITTER
f=1MHz
Ta=25℃
T
C
300
30
30
50
100
300
COMMON EMITTER
Ta=25℃
V
=10V
CE
CE(sat)
C
1k
3k
30
0.03
0.05
0.1
0.3
0.5
1
3
5
COMMON EMITTER
Ta=25℃
I /I
=10
C
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com