Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4378 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTC4378
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4378 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTC4378 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4378 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4378 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2013.04. 26
3/3
Revision No : 0
FTC4378
0
0
AMBIENT TEMPERATURE Ta (℃)
Pc - Ta
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
0.5
1
3
10
0.01
30
100
5
50
0.005
0.03
0.05
0.1
0.3
0.5
1
3
5
I CP
C
I
MAX.
DC
O
PERA
TIO
N
1sec
20
40
60
80
100
120
140
160
200
400
600
800
1k
1.2k
1PULSE
Mounted on ceramic
substrate
(250mm 0.8t)
Ta=25℃
(1)
(2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com