Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4379 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC4379
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4379 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC4379 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4379 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4379 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2019. 09. 25
2/3
Revision No : 1
FTC4379
0
COLLECTOR CURRENT I
(A)
C
C
CE
V
- I
10
300
100
30
10
COLLECTOR CURRENT I
(mA)
C
0
COLLECTOR CURRENT I
(A)
C
C
CE
V
- I
h
- I
COLLECTOR CURRENT I
(A)
0
0
CE
V
- I C
C
0.4
0.8
1.2
1.6
2.0
0.4
0.8
1.2
1.6
COMMON EMITTER
Ta=100℃
30
40
50
COMMON EMITTER
Ta=25℃
0
0
0.4
0.8
1.2
1.6
0.4
0.8
1.2
2.0
30
1.6
40
0.4
0.8
1.2
1.6
2.0
0.4
0.8
1.2
1.6
COMMON EMITTER
Ta=-55℃
40
50
FE
C
1k
3k
30
50
100
300
500
1k
COMMON EMITTER
V
=2V
CE
Ta=100℃
Ta=25℃
Ta=-55℃
COLLECTOR CURRENT I
(mA)
0.05
0.03
0.01
0.1
10
30
Ta=-55℃
Ta=25℃
100
300
C
1k
3k
COMMON EMITTER
1
0.3
0.5
Ta=1
00℃
V
- I
CE(sat)
I
/I
=20
C
C
COLLECTOR CURRENT I
(mA)
0.3
10
0.1
3
1
0.5
5
10
Ta=25℃
Ta=-55℃
100
30
300
C
1k
3k
C
I /I =20
COMMON EMITTER
BE(sat)
V
- I
Ta=100℃
C B
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com