Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4379 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTC4379
Description  TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4379 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTC4379 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4379 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4379 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2019. 09. 25
3/3
Revision No : 1
FTC4379
0
0.2
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I - V
1
3
1
0.3
0.1
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0.4
0.6
0.8
1.0
COMMON EMITTER
V
=2V
CE
Ta=25℃
Ta=-55℃
10
30
100
3
5
10
30
50
100
300
500
1k
3k
5k
SINGLE NONREPETITIVE
PULSE Ta=25℃
CURVES MUST BE DERATED
LINERALY WIHT INCREASE
IN TEMPERATURE
*
I
MAX(PULSE)
C
C
I
MAX(CONTINUOUS)
*
DC
O
PE
RA
TIO
N
1s
100ms
*
*
*
*
0
0
AMBIENT TEMPERATURE Ta ( ℃)
C
P
- Ta
20
40
60
80
100
120
140
160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON CERAMIC
SUBSTRATE
(250mmx0.8t)
Ta=25℃
2
1
2
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com