Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4617 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC4617
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4617 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC4617 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4617 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4617 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
BASE
COLLECTOR
3
General Purpose Transistors
NPN Silicon
2
EMITTER
1
3
2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
IC
P C
Tj
Tstg
60
V
V
V
A
C
C
50
7
0.15
W
0.15
150
−55~ +150
Symbol
Limits
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
50
7
−
−
120
−
−
−
−
−
−
−
−
−
−
180
2.0
−
−
−
0.1
0.1
560
0.5
−
3.5
V
IC=50 µA
IC=1µA
IE=50 µA
VCB=60V
VEB=7V
VCE=6V, IC=1mA
IC/IB=50mA/5mA
VCE=12V, IE=2mA, f=30MHz
VCB=12V, IE=0A, f=1MHz
V
V
µA
µA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
SC-89
Item
Q
R
S
hFE
120~270
180~390
270~560
FTC4617QT1=BQ
FTC4617RT1=BR
FTC4617ST1=BS
Device
Marking
Shipping
BQ
BR
3000 Tape & Reel
10000 Tape & Reel
3000 Tape & Reel
10000 Tape & Reel
3000 Tape & Reel
10000 Tape & Reel
ORDERING INFORMATION
BR
BQ
FTC4617QT1
FTC4617QT3
FTC4617RT1
FTC4617RT3
FTC4617ST1
FTC4617ST3
BS
BS
We declare that the material of product compliance with RoHS requirements.
Absolute maximum ratings (Ta=25℃)
Electrical characteristics (Ta=25℃)
Device marking
hFE values are classified as follows :
2008. 4. 14
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTC4617
Revision No : 0


Similar Part No. - FTC4617

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC4003 FS-FTC4003 Datasheet
243Kb / 2P
TRANSISTOR (NPN)
FTC4081 FS-FTC4081 Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-Q FS-FTC4081-Q Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-R FS-FTC4081-R Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
FTC4081-S FS-FTC4081-S Datasheet
128Kb / 6P
General Purpose Transistors NPN Silicon
More results

Similar Description - FTC4617

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com