Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC4617 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC4617
Description  General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC4617 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC4617 Datasheet HTML 1Page - First Silicon Co., Ltd FTC4617 Datasheet HTML 2Page - First Silicon Co., Ltd FTC4617 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig.1 Grounded emitter propagation
characteristics
0
0 1
0 2
0 5
2
20
50
0 2 0 4 0 6 0 8 1 0 1 2 1 4 1 6
1
5
10
VCE=6V
BASE TO EMITTER VOLTAGE : V BE
(V)
Fig.2 Grounded emitter output
characteristics (Ι )
0
20
40
60
80
100
0 4
0 8
1 2
1 6
2 0
0
COLLECTOR TO EMITTER VOLTAGE : V CE
(V)
0 05mA
0 10mA
0 15mA
0 25mA
0 30mA
0.35mA
0 20mA
Ta=25 °C
IB=0A
0.40mA
0 50mA
0.45mA
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
Ta=25 °C
COLLECTOR TO EMITTER VOLTAGE : V CE
(V)
3µA
6µA
9µA
12µA
15µA
18µA
21µA
24µA
27µA
30µA
Fig.3 Grounded emitter output
characteristics (ΙΙ )
0 2
20
10
0 5 1 2
5 10 20
50 100 200
50
100
200
500
VCE=5V
3V
1V
Ta=25 °C
Fig.4 DC current gain vs.
collector current ( Ι )
COLLECTOR CURRENT : I C
(mA)
0 2 0 5 1
2
5 10 20
50 100 200
20
10
50
100
200
500
25°C
−55°C
Ta=100 °C
VCE=5V
Fig.5 DC current gain vs.
collector current (ΙΙ)
COLLECTOR CURRENT : I C
(mA)
Fig. 6 Collector-emitter saturation
voltage vs. collector current
0 2
COLLECTOR CURRENT : I C
(mA)
0 01
0 02
0 05
0 1
0 2
0 5
0 5 1
2
5 10 20
50 100 200
IC/IB=50
20
10
Ta=25 °C
2008. 4. 14
2/3
FTC4617
Revision No : 0
Fig.7 Collector-emitter saturation
voltage vs. collector current (Ι)
0 2
COLLECTOR CURRENT : I C
(mA)
0 01
0 02
0 05
0 1
0 2
0 5
0 5 1
2
5 10 20
50 100 200
IC/IB=10
Ta=100 °C
25°C
−55°C
Fig.8 Collector-emitter saturation
voltage vs. collector current (ΙΙ)
COLLECTOR CURRENT : I C
(mA)
0 2
0 01
0 02
0 05
0 1
0 2
0 5
0 5 1
2
5 10
20
50 100
IC/IB=50
Ta=100 °C
25°C
−55°C
Fig.9 Gain bandwidth product vs.
emitter current
50
−0 5 −1
−2
−5 −10 −20
−50 −100
100
200
500
Ta=25 °C
VCE=6V
EMITTER CURRENT : I E
(mA)
Fig.10 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : V CB
(V)
EMITTER TO BASE VOLTAGE
: V EB
(V)
0 2
0 5
1
2
5
10
20
50
1
2
5
10
20
Cob
Ta=25 °C
f
=1MHz
IE=0A
IC
=0A
Cib
Fig.11 Base-collector time constant
vs. emitter current
−0 2
−0 5
−1
−2
−5
−10
EMITTER CURRENT : I E
(mA)
10
20
50
100
200
Ta=25 °C
f=32MHZ
VCB=6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com