Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC5658Q Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC5658Q
Description  NPN Silicon General Purpose Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5658Q Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC5658Q Datasheet HTML 1Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 2Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 3Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 4Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FTC5658
2018. 08. 29
2/5
Revision No : 1
ELECTRICAL CHARACTERISTICS (TA=25℃)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (Ic= 50uAdc, IE= 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (Ic=1.0mAdc, IE= 0)
V(BR)CEO
50
−
−
Vdc
Emitter-Base Breakdown Voltage (Ic= 50uAdc, IE= 0)
V(BR)EBO
5.0
−
−
Vdc
Collector-Base Cutoff Current (Vcb= 30 Vdc, IE= 0)
ICBO
−
−
0.5
A
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IE = 0)
IEBO
−
−
0.5
A
Collector-Emitter Saturation Voltage (Note 2)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
−
−
0.4
Vdc
DC Current Gain (Note 2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
FTC5658Q
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
hFE
120
180
−
−
270
390
−
Transition Frequency (VCE=12Vdc, IC=2.0mAdc, f=30MHz)
fT
−
180
−
MHz
Output Capacitance (VCB =12 Vdc, IC =0 Adc, f =1.0 MHz)
COB
−
2.0
−
pF
2. Pulse Test: Pulse Width≤300us, D.C. ≤2%.
FTC5658R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com