Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC5658Q Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTC5658Q
Description  NPN Silicon General Purpose Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5658Q Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTC5658Q Datasheet HTML 1Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 2Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 3Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 4Page - First Silicon Co., Ltd FTC5658Q Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2018. 08. 29
3/5
Revision No : 1
FTC5658
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. IC −VCE
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 3. Base Emitter Saturation Voltage vs.
Collector Current
Figure 4. DC Current Gain vs. Collector
Current
60
0
50
40
30
20
10
0
2
4
6
8
TA = 25℃
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
Figure 5. Saturation Region
Figure 6. Base−Emitter Turn−ON Voltage vs.
Collector Current
VCE
I
)
V
(
E
G
A
T
L
O
V
R
O
T
C
E
L
L
O
C
,
C, COLLECTOR CURRENT (mA)
0.01
0.1
1
10
100
1
0.1
0.01
TA = 150°C
TA = 25°C
TA = −55°C
IC/IB = 10
1.2
1.1
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.01
0.1
1
10
100
IC, COLLECTOR CURRENT (mA)
TA = 150°C
TA = 25°C
TA = −55°C
IC/IB = 10
IC, COLLECTOR CURRENT (mA)
1000
100
10
0.1
1
10
100
1000
TA = 150°C
TA = 25°C
TA = −55°C
VCE = 6 V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
1
10
100
IB, BASE CURRENT (mA)
TA = 25°C
10 mA
30 mA
30 mA
50 mA
IC = 100 mA
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1
10
100
1000
IC, COLLECTOR CURRENT (mA)
TA = −55°C
TA = 25°C
TA = 150°C
VCE = 2 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com