Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC5658R Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC5658R
Description  NPN Silicon General Purpose Amplifier Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC5658R Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC5658R Datasheet HTML 1Page - First Silicon Co., Ltd FTC5658R Datasheet HTML 2Page - First Silicon Co., Ltd FTC5658R Datasheet HTML 3Page - First Silicon Co., Ltd FTC5658R Datasheet HTML 4Page - First Silicon Co., Ltd FTC5658R Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FTC5658
2018. 08. 29
1/5
Revision No : 1
SOT–723
ORDERING INFORMATION
SOT−723
MARKING
DIAGRAM
1
2
3
XX
XX = Specific Device Code
BR = FTC5658R
COLLECTOR
3
1
BASE
2
EMITTER
NPN Silicon General
Purpose Amplifier Transistor
This NPN transistor is designed for general purpose amplifier
applications. This device is housed in the SOT-723 package which is
designed for low power surface mount applications, where board
space is at a premium.
Features
• Reduces Board Space
• High hFE, 210−460 (typical)
• Low VCE(s
at) < 0.5 V
• ESD Performance: Human Body Model; > 2000 V,
Machine Model; > 200 V
MAXIMUM RATINGS (TA = 25℃)
Rating
Symbol
Value
Unit
Collector-Base Voltage
V(BR)CBO
50
Vdc
Collector-Emitter Voltage
V(BR)CEO
50
Vdc
Emitter-Base Voltage
V(BR)EBO
5.0
Vdc
Collector Current−Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation (Note 1)
PD
260
mW
Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−55 ~ + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a FR-4 glass e
poxy printed circuit board using the
minimum recommended footprint.
1
2
3
Device
Package
Shipping
8000/Tape & Reel
FTC5658
SOT−723
BQ = FTC5658Q


Similar Part No. - FTC5658R

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC5635 FS-FTC5635 Datasheet
91Kb / 3P
High-FrequencyAmplifier Transistor
More results

Similar Description - FTC5658R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE85 NTE-NTE85 Datasheet
20Kb / 2P
Silicon NPN Transistor General Purpose Amplifier
logo
ON Semiconductor
2SC4617 ONSEMI-2SC4617 Datasheet
64Kb / 8P
NPN Silicon General Purpose Amplifier Transistor
November, 2001 ??Rev. 3
logo
Vaishali Semiconductor
2SC5658M3T5G VAISH-2SC5658M3T5G Datasheet
48Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G Datasheet
130Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
September, 2009 ??Rev. 1
S2SC4617G ONSEMI-S2SC4617G Datasheet
101Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
November, 2011 ??Rev. 5
logo
Leshan Radio Company
L2SC5658RM3T5G LRC-L2SC5658RM3T5G_15 Datasheet
164Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
L2SC5658M3T5G LRC-L2SC5658M3T5G Datasheet
79Kb / 4P
General Purpose Amplifier NPN Silicon Transistor
logo
ON Semiconductor
2SC5658M3T5G ONSEMI-2SC5658M3T5G_14 Datasheet
101Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
August, 2014 ??Rev. 5
2SC4617G ONSEMI-2SC4617G_14 Datasheet
58Kb / 4P
NPN Silicon General Purpose Amplifier Transistor
July, 2014 ??Rev. 6
logo
Leshan Radio Company
L2SC5658QM3T5G LRC-L2SC5658QM3T5G Datasheet
336Kb / 5P
NPN Silicon General Purpose Amplifier Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com