Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC9013 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTC9013
Description  General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC9013 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTC9013 Datasheet HTML 1Page - First Silicon Co., Ltd FTC9013 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
20
V
Collector-Base Voltage
VCBO
40
V
Emitter-Base Voltage
VEBO
5
V
Collector current-continuoun
IC
500
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
225
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
R JA
556
oC/W
PD
300
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
R θJA
417
oC/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
DEVICE MARKING
ELECTRICAL CHARACTERISTICS (TA
=25
oC unless otherwise noted)
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
C
(BR)CEO
20
-
-
V
(IC=1.0mA)
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
e
t
t
i
m
E
(BR)EBO
5
-
-
V
(IE=100
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
a
B
-
r
o
t
c
e
ll
o
C
(BR)CBO
40
-
-
V
(IC=100
A)
Collector Cutoff Current (VCB
I
)
V
5
3
=
CBO
-
-
150
nA
Emitter Cutoff Current (VBE
I
)
V
4
=
EBO
150
nA
Characteristic
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
θ
A)
µ
µ
FEATURE
ORDERING INFORMATION
10000/Tape&Reel
Device
Shipping
X
FTC9013XLT3G
SOT-23
SOT-23
Package
FTC9013QLT1G=13Q FTC9013RLT1G=13R FTC9013SLT1G=13S
We declare that the material of product compliance with RoHS requirements.
FTC9013XLT1G
SEMICONDUCTOR
TECHNICAL DATA
FTC9013
2007. 12. 18
1/2
Revision No : 0
SOT– 23
1
3
2
2
EMITTER
3
COLLECTOR
1
BASE


Similar Part No. - FTC9013

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTC9013S FS-FTC9013S Datasheet
102Kb / 2P
General Purpose Transistors
FTC9013SQ FS-FTC9013SQ Datasheet
102Kb / 2P
General Purpose Transistors
FTC9013SR FS-FTC9013SR Datasheet
102Kb / 2P
General Purpose Transistors
FTC9013SS FS-FTC9013SS Datasheet
102Kb / 2P
General Purpose Transistors
FTC9013SX FS-FTC9013SX Datasheet
102Kb / 2P
General Purpose Transistors
More results

Similar Description - FTC9013

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com