Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTC9013 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTC9013
Description  General Purpose Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTC9013 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTC9013 Datasheet HTML 1Page - First Silicon Co., Ltd FTC9013 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ON CHARACTERISTICS
DC Current Gain
(IC=50mA, VCE
H
)
V
1
=
fe
100
-
600
Collector-Emitter Saturation Voltage
(IC=500mA,IB
V
)
A
m
0
5
=
CE(S)
-
-
0.6
V
NOTE:
*
P
Q
R
S
HFE
100~200
150~300 200~400 300~600
D
J
K
L
A
C
B S
H
G
V
3
1
2
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.1102 0.1197
2.80
3.04
INCHES
B 0.0472 0.0551
1.20
1.40
C 0.0350 0.0440
0.89
1.11
D 0.0150 0.0200
0.37
0.50
G 0.0701 0.0807
1.78
2.04
H 0.0005 0.0040
0.013
0.100
J 0.0034 0.0070
0.085
0.177
K 0.0180 0.0236
0.45
0.60
L 0.0350 0.0401
0.89
1.02
S 0.0830 0.0984
2.10
2.50
V 0.0177 0.0236
0.45
0.60
PIN 1. BASE
2. EMITTER
3. COLLECTOR
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
SOLDER PLATING.
2. LEAD THICKNESS SPECIFIED PER L / F DRAWING WITH
1. CONTROLLING DIMENSION: MILLIMETERS
NOTES:
SOT-23 (TO-236AB)
FTC9013
2007. 12. 18
1/2
Revision No : 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com