Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTD882D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD882D
Description  TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD882D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD882D Datasheet HTML 1Page - First Silicon Co., Ltd FTD882D Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 12. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
FTD882D
Revision No : 0
FTD882D
TRANSISTOR
FEATURES
Low Speed Switching
MAXIMUM RATINGS (Ta=25
unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
3
A
PC
Collector Power Dissipation(Tc=25℃)
RӨJA
Thermal Resistance, junction to Ambient
100
℃/W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
CLASSIFICATION OF hFE
Rank
R
G
Y
O
R
Range
60-120
100-200
160-320
200-400
10
W
D-PAK (TO-252)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 BASE
2 COLLECTOR
3 EMITTER
0 95 MAX
Q
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC = 100
μA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC = 10mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100
μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 40 V, IE=0
1
µA
Collector cut-off current
ICEO
VCE= 30 V, IB=0
10
µA
Emitter cut-off current
IEBO
VEB= 6 V, IC=0
1
µA
DC current gain
hFE
VCE= 2 V, IC= 1A
60
400
Collector-emitter saturation voltage
VCE (sat)
IC= 2A, IB= 0.2 A
0.5
V
Base-emitter saturation voltage
VBE (sat)
IC= 2A, IB= 0.2 A
1.5
V
Transition frequency
fT
VCE= 5V, IC=0.1A
f =10MHz
90
MHz


Similar Part No. - FTD882D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD882 FS-FTD882 Datasheet
120Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882F FS-FTD882F Datasheet
294Kb / 2P
NPN TRANSISTOR
FTD882S FS-FTD882S Datasheet
218Kb / 2P
AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING
FTD882T FS-FTD882T Datasheet
471Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - FTD882D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
Transistor transistor logic
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com