Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD41C Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MJD41C
Description  TRANSISTOR (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD41C Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MJD41C Datasheet HTML 1Page - First Silicon Co., Ltd MJD41C Datasheet HTML 2Page - First Silicon Co., Ltd MJD41C Datasheet HTML 3Page - First Silicon Co., Ltd MJD41C Datasheet HTML 4Page - First Silicon Co., Ltd MJD41C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MJD41C TRANSISTOR (NPN)
FEATURES
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100
μA,IE
0
0
1
0
=
V
Collector-emitter breakdown voltage
VCEO(sus)
IC=30mA,IB
0
0
1
0
=
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100
μA,IC
5
0
=
V
Collector cut-off current
ICEO
VCB=60V,IE 0
=
50
μA
Emitter cut-off current
IEBO
VEB=5V IC 0
=
0.5
mA
hFE(1)
VCE=4V IC=0.3A
30
DC current gain
hFE(2)
VCE=4V,IC=3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=6A,IB
A
6
.
0
=
1.5
V
Base-emitter voltage
VBE
VCE=4V,IC
A
6
=
2
V
Transition frequency
fT
VCE=10V,IC=500mA,f=1MHz
3
MHz
TO-252
1. BASE
2. COLLECTOR
3. EMITTER
SEMICONDUCTOR
TECHNICAL DATA
MJD41C
2020. 02. 18
1/5
Revision No : 1
Designed for General Purpose Amplifier and Low Speed
Switching Applications.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
6
A
PC
Collector Power Dissipation
1.25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
℃
-65~150
IB
Base Current
2
A


Similar Part No. - MJD41C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
195Kb / 6P
Complementary Power Transistors
August, 2004 ??Rev. 5
logo
Fairchild Semiconductor
MJD41C FAIRCHILD-MJD41C Datasheet
47Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD41C ONSEMI-MJD41C Datasheet
78Kb / 6P
Complementary Power Transistors
January, 2006 ??Rev. 6
logo
Guangdong Kexin Industr...
MJD41C KEXIN-MJD41C Datasheet
46Kb / 2P
Complementary Power Transistors
logo
Weitron Technology
MJD41C WEITRON-MJD41C Datasheet
583Kb / 5P
NPN PLASTIC ENCAPSULATE TRANSISTORS
More results

Similar Description - MJD41C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com