Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD41C Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MJD41C
Description  TRANSISTOR (NPN)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MJD41C Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MJD41C Datasheet HTML 1Page - First Silicon Co., Ltd MJD41C Datasheet HTML 2Page - First Silicon Co., Ltd MJD41C Datasheet HTML 3Page - First Silicon Co., Ltd MJD41C Datasheet HTML 4Page - First Silicon Co., Ltd MJD41C Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.1
1
10
10
100
1000
10000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1000
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1000
0.01
0.1
1
0.1
1
10
100
1000
10
100
0
1
23
4
567
8
9
10
0
500
1000
1500
2000
2500
3000
3500
4000
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/ VEB
C
ob/ Cib
——
20
BASE-EMMITER VOLTAGE V
BE
(V)
V
BE
COMMON EMITTER
V
CE=4V
6000
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
6000
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
β=10
6000
200
COLLECTOR CURRENT I
C
(mA)
6000
COMMON EMITTER
V
CE=4V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
50mA
45mA
40mA
35mA
30mA
25mA
20mA
15mA
10mA
I
B=5mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
I
C
——
Typical Characteristics
2020. 02. 18
2/5
Revision No : 1
MJD41C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com