Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA55 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MMBTA55
Description  Driver Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA55 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MMBTA55 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA55 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA55 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Driver Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
MMBTA55
MMBTA56
Unit
Collector–Emitter Voltage
V CEO
–60
–80
Vdc
Collector–Base Voltage
V CBO
–60
–80
Vdc
Emitter–Base Voltage
V EBO
–4.0
Vdc
Collector Current — Continuous
I C
–500
mAdc
THERMAL CHARACTERISTICS
x
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
225
mW
TA = 25°C
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate, (2) TA = 25°C
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
MMBTA55 = 2H.
MMBTA56 = 2GM
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
V
)
3
(
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
r
e
t
t
i
m
E
–
r
o
t
c
e
ll
o
C
(BR)CEO
Vdc
(I C = –1.0 mAdc, I B= 0 )
MMBTA55
–60
—
MMBTA56
–80
—
Emitter–Base Breakdown Voltage
V (BR)EBO
–4.0
—
Vdc
(I E = –100
µAdc, I
C = 0 )
Collector Cutoff Current
I CEO
—
–0.1
µAdc
( V CE = –60Vdc, I B = 0)
I
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
CBO
µAdc
( V CB = –60Vdc, I E= 0)
MMBTA55
—
–0.1
( V CB = –80Vdc, I E= 0)
MMBTA56
—
–0.1
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%.
2
EMITTER
3
COLLECTOR
1
BASE
Value
We declare that the material of product
compliance with RoHS requirements.
SEMICONDUCTOR
TECHNICAL DATA
MMBTA55/56
SOT–23
1
3
2
2007. 12. 18
1/3
Revision No : 0


Similar Part No. - MMBTA55

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA55 ONSEMI-MMBTA55 Datasheet
58Kb / 4P
Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Transys Electronics
MMBTA55 TRSYS-MMBTA55 Datasheet
140Kb / 1P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Samsung semiconductor
MMBTA55 SAMSUNG-MMBTA55 Datasheet
27Kb / 1P
PNP (DRIVER TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA55 FAIRCHILD-MMBTA55 Datasheet
1Mb / 13P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBTA55 DIODES-MMBTA55 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30054 Rev. 4 - 2
More results

Similar Description - MMBTA55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA05LT1 MOTOROLA-MMBTA05LT1 Datasheet
82Kb / 4P
Driver Transistors
logo
Leshan Radio Company
LMBTA05LT1 LRC-LMBTA05LT1 Datasheet
111Kb / 3P
Driver Transistors
logo
Guangdong Kexin Industr...
MMBTA55 KEXIN-MMBTA55 Datasheet
43Kb / 2P
Driver Transistors
logo
WILLAS ELECTRONIC CORP
MMBTA0XLT1 WILLAS-MMBTA0XLT1 Datasheet
325Kb / 3P
Driver Transistors
MMBTA5XLT1 WILLAS-MMBTA5XLT1 Datasheet
435Kb / 3P
Driver Transistors
logo
ON Semiconductor
MMBTA06LT3G ONSEMI-MMBTA06LT3G Datasheet
114Kb / 6P
Driver Transistors
July, 2012 ??Rev. 8
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_15 Datasheet
119Kb / 3P
Driver Transistors
logo
ON Semiconductor
MMBTA55L ONSEMI-MMBTA55L Datasheet
154Kb / 5P
Driver Transistors
October, 2016 ??Rev. 8
MMBTA05L ONSEMI-MMBTA05L Datasheet
104Kb / 6P
Driver Transistors
October, 2016 ??Rev. 10
MMBTA55L ONSEMI-MMBTA55L_V01 Datasheet
177Kb / 7P
Driver Transistors
April, 2018 - Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com