Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA55 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMBTA55
Description  Driver Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA55 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMBTA55 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA55 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA55 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
h
n
i
a
G
t
n
e
rr
u
C
C
D
FE
—
(I C = –10 mAdc, V CE
—
0
0
1
)
c
d
V
0
.
1
–
=
(I C = –100mAdc, V CE
—
0
0
1
)
c
d
V
0
.
1
–
=
Collector–Emitter Saturation Voltage
VCE(sat)
—
–0.25
Vdc
(I C = –100mAdc, I B = –10mAdc)
Base–Emitter On Voltage
V BE(on)
—
–1.2
Vdc
(I C = –100mAdc, V CE = –1.0Vdc)
SMALL–SIGNAL CHARACTERISTICS
Current –Gain–Bandwidth Product(4)
f
T
50
—
MHz
(V CE = –1.0 Vdc, I C = –100mAdc, f = 100 MHz)
4. f T is defined as the frequency at which |h f e | extrapolates to unity.
MMBTA55LT1G
2H
3000/Tape & Reel
Device
Marking
Shipping
MMBTA56LT1G
2GM
3000/Tape & Reel
MMBTA55LT3G
2H
MMBTA56LT3G
2GM
10000/Tape & Reel
ORDERING INFORMATION
10000/Tape & Reel
Figure 1. Switching Time Test Circuits
OUTPUT
TURN−ON TIME
−1.0 V
VCC
+40 V
RL
* CS
6.0 pF
RB
100
100
Vin
5.0 F
tr = 3.0 ns
0
+10 V
5.0 s
OUTPUT
TURN−OFF TIME
+VBB
VCC
+40 V
RL
* CS
6.0 pF
RB
100
100
Vin
5.0 F
tr = 3.0 ns
5.0 s
*Total Shunt Capacitance of Test Jig and Connectors For PNP Test Circuits, Reverse All Voltage Polarities
2007. 12. 18
2/3
Revision No : 0
MMBTA55/56



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com