Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TIP32
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP32 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TIP32 Datasheet HTML 1Page - First Silicon Co., Ltd TIP32 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
TIP32
2011. 11. 16
1/2
Revision No : 0
DIM
MILLIMETERS
TO-220AB
A
B
C
D
E
F
H
J
N
O
0.8 ± 0.1
2.7 ± 0.2
2.54 ± 0.2
13.6 ± 0.2
3.8 ± 0.2
10.15 ± 0.15
4.5 ± 0.2
2.7 ± 0.2
15.30 MAX
1.3+0.1/-0.15
0.4 ± 0.15
A
F
B
J
E
O
C
H
N
N
D
P
P
1 BASE
2 COLLECTOR
3 EMITTER
1
2
3
ELECTRICAL
CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
TIP32/32A/32B/32C
TRANSISTOR (PNP)
FEATURES
Medium Power Linear Switching Applications
MAXIMUM RATINGS (Ta=25℃ unless otherwise noted)
Symbol
Parameter
TIP32
TIP32A TIP32B TIP32C
Unit
VCBO
Collector-Base Voltage
-40
-60
-80
-100
V
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current
-3
A
PC
Collector Power Dissipation
2
W
RθJA
Thermal Resistance from Junction to Ambient
62.5
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
-40
-60
-80
-100
V
Parameter
Symbol
Test
conditions
M in
M ax
Unit
Collector-base breakdown voltage
TIP32
TIP32A
TIP32B
TIP32C
V(BR)CBO
IC= -1mA, IE=0
-40
-60
-80
-100
V
Collector-emitter breakdown voltage *
TIP32
TIP32A
TIP32B
TIP32C
VCEO(sus)
IC= -30mA, IB=0
-40
-60
-80
-100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -1mA, IC=0
-5
V
Collector cut-off current
TIP32
TIP32A
TIP32B
TIP32C
ICBO
VCB=-40V,IE=0
VCB=-60V, IE=0
VCB=-80V, IE=0
VCB=-100V, IE=0
-200
μA
Collector cut-off current
TIP32/32A
TIP32B/32C
ICEO
VCE= -30V, IB= 0
VCE= -60V, IB= 0
-0.3
mA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-1
mA
hFE(1)
VCE= -4V, IC=-1A
25
DC current gain
hFE(2)
VCE=-4 V, IC=-3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=-3A, IB=-0.375A
-1.2
V
Base-emitter voltage
VBE(on)
VCE=-4V, IC=-3A
-1.8
V
Transition frequency
fT
VCE=-10V , IC=-0.5A
3
MHz
* Pulse Test: PW
≤300µs, Duty Cycle≤2%.


Similar Part No. - TIP32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32 MOSPEC-TIP32 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Power Innovations Ltd
TIP32 POINN-TIP32 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP32 FAIRCHILD-TIP32 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP32 BOCA-TIP32 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
logo
Micro Electronics
TIP32 MICRO-ELECTRONICS-TIP32 Datasheet
43Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP32

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com