Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # TIP32
Description  TRANSISTOR (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP32 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  TIP32 Datasheet HTML 1Page - First Silicon Co., Ltd TIP32 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
TIP32
2011. 11. 16
2/2
Revision No : 0
-0.1
-1
-10
10
100
1000
10000
-1
-10
-100
-1000
0
20
40
60
80
100
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-1000
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
-1
-10
-100
-1000
-0.01
-0.1
-0
-2
-4
-6
-8
-0
-1
-2
-3
-4
-1
-10
-100
-1000
-0.0
-0.4
-0.8
-1.2
f=1MHz
I
E=0/IC=0
T
a=25
℃
-20
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-0.5
COMMON EMITTER
V
CE=-4V
-3000
I
C
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
V
BE
I
C
——
COMMON EMITTER
V
CE=-4V
-3000
T
a=100
℃
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
P
C
—— T
a
AMBIENT TEMPERATURE T
a
( )
℃
h
FE
——
-3000
β=8
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
-100mA
-90mA
-80mA
-70mA
-60mA
-50mA
-40mA
-30mA
-20mA
I
B=-10mA
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
-3000
β=8
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com