Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-KB50 Datasheet(PDF) 2 Page - Mini-Circuits

Part # KB-KB50
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KB-KB50 Datasheet(HTML) 2 Page - Mini-Circuits

  KB-KB50 Datasheet HTML 1Page - Mini-Circuits KB-KB50 Datasheet HTML 2Page - Mini-Circuits KB-KB50 Datasheet HTML 3Page - Mini-Circuits KB-KB50 Datasheet HTML 4Page - Mini-Circuits KB-KB50 Datasheet HTML 5Page - Mini-Circuits KB-KB50 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Weight: 4.55 grams
Dimensions are in inches [mm]. Tolerances: 2 Pl.± .03; 3 Pl. ± .015
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
KB-KB50+
50Ω
DC to 40 GHz
Adapter 2.92mm-F to 2.92mm-F with Bulkhead
REV. OR
ECO-003104
KB-KB50+
RS/CP/AM
200625
Coaxial
Features
• flat response
• excellent VSWR, 1.05 typ. @20 GHz
and 1.06 typ. up to 40 GHz
• low cost adapters, available from stock
• rugged stainless steel body, passivated
• qualified to 500 mating cycles
• 2.92mm connectors mates with
SMA,K,3.5mm connectors
Applications
• rack mount equipment
• lab test
Outline Drawing
CASE STYLE: DJ3050
Frequency
(GHz)
Insertion Loss
(dB)
VSWR
(:1)
2.92 mm-F
2.92 mm-F
0.00
0.04
0.08
0.12
0.16
0.20
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
KB-KB50+
INSERTION LOSS
1.00
1.02
1.04
1.06
1.08
1.10
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
KB-KB50+
VSWR
2.92mm-F
2.92mm-F
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
40
GHz
Insertion Loss
DC - 40
-
0.15
0.4
dB
VSWR
DC - 40
1.03
1.25
:1
10
0.00
1.00
1.00
100
0.02
1.00
1.00
500
0.03
1.01
1.00
1000
0.04
1.01
1.01
5000
0.07
1.02
1.02
10000
0.08
1.03
1.03
15000
0.09
1.01
1.01
20000
0.11
1.04
1.05
25000
0.12
1.03
1.01
30000
0.14
1.01
1.00
35000
0.16
1.05
1.06
40000
0.18
1.04
1.05
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
2.92mm-Female
KB-KB50+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com