Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB-KB50 Datasheet(PDF) 3 Page - Mini-Circuits

Part # KB-KB50
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KB-KB50 Datasheet(HTML) 3 Page - Mini-Circuits

  KB-KB50 Datasheet HTML 1Page - Mini-Circuits KB-KB50 Datasheet HTML 2Page - Mini-Circuits KB-KB50 Datasheet HTML 3Page - Mini-Circuits KB-KB50 Datasheet HTML 4Page - Mini-Circuits KB-KB50 Datasheet HTML 5Page - Mini-Circuits KB-KB50 Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Adapter, 2.92mm Female Bulkhead to 2.92mm Female Bulkhead
KB-KB50+
Typical Performance Data
FREQUENCY
INSERTION LOSS
2.92mm-FEMALE
BULKHEAD 1
VSWR
2.92mm-FEMALE
BULKHEAD 2
VSWR
(MHz)
(dB)
(:1)
(:1)
10
0.01
1.00
1.00
20
0.01
1.00
1.00
30
0.01
1.00
1.00
40
0.02
1.00
1.00
50
0.02
1.00
1.00
60
0.03
1.00
1.00
70
0.03
1.01
1.00
80
0.03
1.01
1.01
90
0.03
1.01
1.01
100
0.03
1.01
1.01
200
0.02
1.00
1.00
300
0.03
1.01
1.01
400
0.03
1.01
1.00
500
0.04
1.01
1.01
600
0.04
1.01
1.01
700
0.04
1.01
1.01
800
0.05
1.01
1.01
900
0.05
1.01
1.01
1000
0.05
1.01
1.01
2000
0.06
1.02
1.02
3000
0.06
1.03
1.02
4000
0.07
1.03
1.02
5000
0.07
1.02
1.02
6000
0.07
1.02
1.02
7000
0.07
1.01
1.01
8000
0.08
1.01
1.01
9000
0.08
1.02
1.02
10000
0.08
1.03
1.03
11000
0.08
1.03
1.03
12000
0.08
1.03
1.03
13000
0.09
1.02
1.02
14000
0.09
1.01
1.01
15000
0.09
1.01
1.01
16000
0.10
1.03
1.02
17000
0.10
1.04
1.04
18000
0.10
1.05
1.05
19000
0.11
1.06
1.06
20000
0.11
1.06
1.06
21000
0.11
1.06
1.05
22000
0.12
1.04
1.04
23000
0.12
1.03
1.03
24000
0.12
1.01
1.02
25000
0.12
1.02
1.02
26000
0.12
1.03
1.03
27000
0.12
1.03
1.03
28000
0.12
1.03
1.03
29000
0.13
1.03
1.03
30000
0.14
1.03
1.03
31000
0.14
1.04
1.04
32000
0.14
1.06
1.05
33000
0.15
1.08
1.07
34000
0.15
1.09
1.08
35000
0.15
1.09
1.08
36000
0.16
1.09
1.08
37000
0.16
1.08
1.07
38000
0.16
1.07
1.05
39000
0.17
1.06
1.05
40000
0.18
1.07
1.06
REV. OR
KB-KB50+
6/11/2020
Page 1 of 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com