Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS12N20CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS12N20CS
Description  Single N-Channel 4.5V Specified MicroSurf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS12N20CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS12N20CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS12N20CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 2 -
TSC
Rev. 1
05/2003
Absolute Maximum Ratings TA =25°C unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
+12
V
Drain Current
– Continuous
ID
6A
– Pulsed
25
A
Power Dissipation (Steady State)
PD
2.2
W
Operating and Storage Junction Temperature Range
TJ, TSTG
- 55 to +150
°C
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient
RθJA
56
°C/ W
Thermal Resistance, Junction-to-Ball
RθJR
4.5
°C/ W
Thermal Resistance, Junction-to-Case
RθJC
0.6
°C/ W
Characteristics
Symbol Conditions
Min
Typ
Max Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID= 250µA
20
--
--
V
Gate-Body Leakage
IGGS
VGS=±12V, VDS=0V
--
--
±150
nA
Zero Gate Voltage Drain Current
IDSS
Tj=150°C, VDS=20V, VGS=0V
--
--
250
uA
Drain to Drain Sense Leakage
IDDS
Tj=150°C, VDS=20V, VGS=0V
--
--
250
uA
Static Drain-Source On-Resistance
RDS(on)
VGS= 4.5V, ID= 12A
--
3.9
--
mΩ
Drain Sense On-Resistance
RDSDS(on)
VGS= 4.5V, ID= 0.35A
--
137
--
mΩ
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID= 250uA
--
1.3
--
V
Total Gate Charge
Qg
VDS=20V, VGS= 4.5V, ID= 12A
--
19.8
--
nC
Gate Resistance
Rg
VDS=0V, f =1MHz
--
0.4
--
Ohms
Output Capacitance
Coss
VDS=20V, VGS=0V, f =1MHz
--
2.4
--
nF
Input Capacitance
Ciss
VDS=20V, VGS=0V, f =1MHz
--
320
--
pF
Reverse transfer capacitance
Crss
VDS=20V, VGS=0V, f =1MHz
--
TBD
--
pF
Reverse Recovery time
trr
If = 12A, di/dt =100A/us
--
--
40
ns
Source-Drain Diode
Tj=150°C
Forward On-Voltage
VSD
Is= 12A, VGS=0V
--
0.75
--
V
Source-Drain Diode
On-State Drain Current
ID(on)
VGS=4.5V, VDS=1V
25
--
--
A
Avalanche Energy UIS
Eas
Single Pulse 10us, VDS>BVDSS
2.5
--
--
mJ
TS12N20CS Electrical Specifications TA=25°C unless otherwise specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com