Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS12N20CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS12N20CS
Description  Single N-Channel 4.5V Specified MicroSurf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS12N20CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS12N20CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS12N20CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TS12N20CS
Single N-Channel 4.5V Specified MicroSurf™
Features
12A, 20V
RDS(ON)=3.9mΩ at 4.5Volts
12A, 20V
Qg =19.8nC at 4.5Volts
Low profile package: less than 1mm
height when mounted on PCB
Occupies only 1/3 the area of SO-8
Excellent thermal characteristics
High power and current handling
capability
Lead free solder balls available
TSC
- 1 -
Rev. 1
05/2003
Description
Taiwan Semiconductor’s new low cost, state of the
art MicroSurf™ lateral MOSFET process technology
in chipscale bondwireless packaging minimizes
PCB space and RDS(ON) plus provides an ultra-low
Qg X RDS(ON) figure of merit.
Pin Configuration
Internal Block Diagram
Standard Application
MicroSurf™ for High Frequency
DC-DC Converters
Patent
Pending
Ds
D
G
S
Drain-Source Voltage
20 Volt
Current ID
12 Ampere
Bottom: Bump Side
PRELIMINARY DATA SHEET


Similar Part No. - TS12N20CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS12N30CS TSC-TS12N30CS Datasheet
270Kb / 4P
DC-DC Converter Control and Synchronous AceFET
More results

Similar Description - TS12N20CS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI9426DY FAIRCHILD-SI9426DY Datasheet
49Kb / 3P
Single N-Channel, 2.5V Specified MOSFET
logo
Taiwan Semiconductor Co...
TSM4405P TSC-TSM4405P Datasheet
183Kb / 6P
Single P-Channel 1.8V Specified MicroSURF MOSFET
TSM8405P TSC-TSM8405P Datasheet
183Kb / 6P
Single P-Channel 1.8V Specified MicroSURF MOSFET
logo
Fairchild Semiconductor
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
Single N-Channel 2.5V Specified PowerTrench MOSFET
logo
Taiwan Semiconductor Co...
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
Single P-Channel 1.8V Specified MicroSURF?
TS8314 TSC-TS8314 Datasheet
1Mb / 28P
Bi-directional N-Channel 2.5V Specified MicroSURF?
TS8405P TSC-TS8405P Datasheet
393Kb / 12P
Single P-Channel 1.8V Specified MicroSURF?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com