Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8QMAEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX8QMAEC
Description  i.MX 8QuadMax Automotive and Infotainment Applications Processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8QMAEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX8QMAEC Datasheet HTML 17Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 18Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 19Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 20Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 21Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 22Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 23Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 24Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
Electrical characteristics
i.MX 8QuadMax Automotive and Infotainment Applications Processors, Rev. 0, 10/2019
NXP Semiconductors
21
4.1.4
External clock sources
Each processor has two external input system clocks: a low frequency (RTC_XTALI) and a high frequency
(XTALI).
VDD_USB_HSIC0_1P2
Power supply
of USB-HSIC
I/Os
N/A
1.1
1.2
1.3
V
—
VDD_SNVS_4P2
Power supply
of SNVS
N/A
2.80 3.30 4.20
V
It can be supplied by a backup
battery: a coin cell or a super cap.
Output of embedded LDOs and negative charge pump
VDD_USB_SS3_LDO_1P0_CAP,
VDD_HDMI_RX0_LDO0_1P0_CAP4
,
VDD_HDMI_RX0_LDO1_1P0_CAP4
, VDD_HDMI_TX0_LDO_1P0_CAP,
VDD_PCIE_LDO_1P0_CAP
1.0 V output of
embedded
LDOs
N/A
—
1.00
—
V
—
VDD_SNVS_LDO_1P8_CAP
1.8 V output of
SNVS
embedded
LDO
N/A
—
1.80
—
V
—
VDD_M1P8 _CAP
-1.8 V output
of embedded
charge pump
N/A
—
-1.80
—
V
—
Power supplies that shall be connected to output of an embedded LDO
VDD_HDMI_TX0_1P0
—
N/A
—
1.00
—
V
Shall be externally connected to
VDD_HDMI_TX0_LDO_1P0_CA
P
VDD_PCIE_SATA0_1P04,
VDD_PCIE0_1P0, VDD_PCIE1_1P0
—
N/A
—
1.00
—
V
Shall be externally connected to
VDD_PCIE_LDO_1P0_CAP
VDD_USB_OTG1_1P0,
VDD_USB_OTG2_1P0
—
N/A
—
1.00
—
V
Shall be externally connected to
VDD_USB_SS3_LDO_1P0_CA
P
Junction temperature
Junction temperature
—
—
-40
125
°C—
1 Voltage ranges are defined to group as many supplies as possible. Some supplies may have a wider range than listed here.
2 These are the supported frequencies included in the Linux, Android, and all other operating systems using the SCU defined
DVFS (Dynamic Voltage and Frequency Scaling) set points. An additional Overdrive set point is included to provide a more
balanced power-versus-performance trade-off, where the A72 runs at 1.3 GHz and the A53 runs at 1.1 GHz. Likewise, an
additional Nominal set point is included where both the A72 and A53 run at 600 MHz.
3 During low power state, this voltage can be dropped to 0.8 V +/- 3% for retention.
4 HDMI-RX and SATA are not currently supported, the related power and signal connections are provided for future use when
it is expected HDMI-RX and SATA support will be enabled.
Table 8. Operating ranges1 (continued)
Symbol
Description
Mode
Min
Typ Max Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com