Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX8QMAEC Datasheet(PDF) 68 Page - NXP Semiconductors

Part # IMX8QMAEC
Description  i.MX 8QuadMax Automotive and Infotainment Applications Processors
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8QMAEC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button IMX8QMAEC Datasheet HTML 64Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 65Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 66Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 67Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 68Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 69Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 70Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 71Page - NXP Semiconductors IMX8QMAEC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 155 page
background image
Electrical characteristics
i.MX 8QuadMax Automotive and Infotainment Applications Processors, Rev. 0, 10/2019
NXP Semiconductors
68
4.10.2.2 SAI Master mode
In this mode, transmitter and/or receiver part are set to bring out transmit and/or receive clock. Frame sync
can be either input or output.
Figure 23. SAI Master mode
Table 63. SAI timings—Master Synchronous mode
ID
Parameters
Min
Max
Unit
—
SAI TXC clock frequency
—
49.152
MHz
t1
SAI TXC pulse width low / high
45%
55%
SAI_TXC period
t2
SAI TXFS output valid
—
2
ns
t3
SAI TXD output valid
—
2
ns
t4
SAI RXD input setup
1
—
ns
t5
SAI RXD input hold
4
—
ns
Table 64. SAI timings—Master mode
ID
Parameters
Min
Max
Unit
—
SAI TXC / RXC clock frequency1
—
49.152
MHz
t1
SAI TXC / RXC pulse width low / high
45%
55%
TXC/RXC period
t2
SAI TXFS / RXFS output valid
—
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com