Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WS Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # BAT46WS
Description  Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BAT46WS Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  BAT46WS Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WWW.TECHPUBLIC.COM.TW
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
100
V
IF= 0.1 mA
200
IF= 10 mA
350
IF= 10 mA , TJ = -40℃
470
IF= 50 mA
475
IF= 50 mA , TJ = -40℃
560
IF= 250 mA
850
VR= 1.5 V
0.5
VR= 1.5 V , TJ = 60℃
12
VR= 10 V
0.8
VR= 10 V , TJ = 60℃
20
VR= 50 V
2
VR= 50 V , TJ = 60℃
44
VR= 75 V
4
VR= 75 V , TJ = 60℃
80
VR= 100 V
9
VR= 100 V , TJ = 60℃
120
VR= 100 V , TJ = 85℃
600
VR= 0 V, f= 1 MHz
39
VR= 1 V, f= 1 MHz
21
Reverse recovery time
trr
IF=IR=10mA,Irr=0.1xIR, RL=100Ω
5.9
ns
Junction capacitance
Cj
pF
Forward voltage
mV
VF
Reverse voltage leakage current
IR
uA
BAT46W
Schottky Diodes
S
www.sot23.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com