Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT46WS Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # BAT46WS
Description  Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

BAT46WS Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  BAT46WS Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD BAT46WS Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
WWW.TECHPUBLIC.COM.TW
●
Low forward voltage
●
Reverse voltage VR ≤ 100 V
●
Low capacitance
●
High-speed switching
●
Very small and flat lead SMD plastic package
1.25±0.1
0.30
SOD-323FL
Unit:mm
+0.1
-0.05
0.15±0.1
0.9±0.1
cathode
anode
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Reverse Voltage
VRM
100
V
Forward Current
IF
250
mA
Non-Repetitive Peak Forward Current
IFSM
2.5
A
400
715
310
175
Thermal Resistance Junction to Solder Point
RθJSP
35
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-65 to 150
℃
Power Dissipation
Pd
mW
Thermal Resistance Junction to Ambient
RθJA
℃
/W
(Note.1)
(Note.2)
(Note.1)
(Note.2)
Note.1:Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
Note.2:Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm3.
BAT46W
Schottky Diodes
S
www.sot23.com.tw


Similar Part No. - BAT46WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT46WS JIANGSU-BAT46WS Datasheet
1Mb / 4P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
Schottky Barrier Diode 200mW
logo
SHIKUES Electronics
BAT46WS SKTECHNOLGY-BAT46WS Datasheet
327Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Leiditech Elec...
BAT46WS LEIDITECH-BAT46WS Datasheet
580Kb / 2P
Schottky Barrier Iode
logo
FutureWafer Tech Co.,Lt...
BAT46WS FUTUREWAFER-BAT46WS Datasheet
1Mb / 10P
Schottky Barrier Rectifier
27-DEC-2021 V 2.1
More results

Similar Description - BAT46WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com