Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS650CS Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS650CS
Description  Buck Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS650CS Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS650CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS650CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS650CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS650CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS650
2-4
2003/12 rev. A
Absolute Maximum Rating
Supply Voltage
VCC
30
V
Comparator Input Voltage Range
VFB
- 0.3 ~ 30
V
Collector Output Voltage
VC(SW)
30
V
Collector to Emitter Voltage
VCE(SW)
30
V
Output Switching Current
ISW
500
mA
Operating Junction Temperature Range
TJ
-20 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature 1.6mm(1/16”) from case for 10Sec.
TLEAD
260
oC
Electrical Characteristics
(VCC =5V, Ta =25
oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reference
Comp. Connect to FB
1.23
1.25
1.27
V
Ta= -20
oC ~ 25 oC
- 0.1
1
Output voltage change with
temperature
VREF
Ta= 25
oC ~ 85 oC
- 0.2
1
%
Line regulation
RegLine
VCC = 5V ~ 30V
5
mV
Output switch (note1)
Saturation Voltage
VCE(SAT)
ISW =0.5A
1.0
1.2
V
DC current gain
HFE
ISW =1A, Vce=0.5V
75
--
Collector off-state current
IC(OFF)
Vce=30V
40
100
uA
Oscillator (OSC)
Frequency
FOSC
CT = 1nF, Vpin5=0V
24
33
42
KHz
Charge Current
ICHARGE
VCC = 5V ~ 30V
35
uA
Discharge Current
IDISCHARGE
VCC = 5V ~ 30V
220
uA
Discharge to Charge current ratio
IDISCHARGE
/ ICHARGE
Pin7 to Vcc
6.5
--
Current Limit Sense Voltage
VIPK(SENSE)
IDISCHARGE = ICHARGE
250
350
mV
ON/OFF driver control
ON driver voltage
Von
4
5
V
OFF driver voltage
Voff
1
V
ON driver current
Ion
VCC = 3V ~ 30V
100
mA
Total device
supply current
ICC
VCC = 5V ~ 30V, CT = 1nF,
pin7=Vcc, pin5>Vth,
pin2=Gnd, remaining pins
open
3
5
mA
Input bias current
IIB
Vin=0V
-400
nA
Note 1: Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient
temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com