Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS650CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS650CS
Description  Buck Switching Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS650CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS650CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS650CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS650CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS650CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS650
1-4
2003/12 rev. A
TS650
Buck Switching Regulator
Pin assignment:
1.
Out
2.
P.Gnd
3.
CT
4.
Gnd
5.
FB
6.
Vcc
7.
Comp.
8.
Enable
Supply Voltage Range 3 V to 30V
Output Driving Current 500mA
Oscillator Frequency up to 100KHz
General Description
The TS650 is a monolithic buck switching regulator, it is consist of an voltage reference, error amplifier, current limited set
by an external resistor, power forward modular controller and switching frequencies up to 100KHz are set by an external
capacitor.
Additionally, a chip enable feature is provided to power down reducing the supply current, and with a minimum number of
external components, the TS650 offer a simple and cost effective solution.
The TS650 is offered in SOP-8 package.
Features
Power forward control circuit
Operating voltage form 3V to 30V
Low standby current
Current limit adjustable
Output switch current up to 500mA
Variable oscillator frequency up to 100KHz (max)
Shut down control
1.25V voltage reference Output
Pin Descriptions
Name
Description
Output
PWM Output
P.Gnd
Power Ground
CT
Oscillator Control
Gnd
Ground
FB
Voltage Feedback
Vcc
Power Supply
Comp.
Feedback Compensation
Enable
ON/OFF control
Applications
Charger
xD-ROM, xDSL product
DC to DC converter s
Ordering Information
Part No.
Operating Temp.
Package
TS650CS
-20 ~ +85
oC
SOP-8
Block Diagram


Similar Part No. - TS650CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
TS652D STMICROELECTRONICS-TS652D Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
TS652ID STMICROELECTRONICS-TS652ID Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
More results

Similar Description - TS650CS

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
150KHz, 3A PWM Buck Switching Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
2A / 150KHz Buck Switching Regulator
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
2A / 52KHz Buck Switching Regulator
logo
ON Semiconductor
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
20V, 2A Buck Switching Regulator
FP6102 FEELING-FP6102 Datasheet
634Kb / 12P
20V, 3A Buck Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com