Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS809 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS809
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS809 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS809 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS809 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS809 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS809 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS809 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS809 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS809/810/809R/810R
1-6
2004/09 rev. D
TS809/ 810/ 809R/ 810R
Microprocessor Reset Circuit
Pin assignment:
TS809/810
1. Gnd
2. RESET (RESET)
3. Vcc
Pin assignment:
TS809R/810R
1.
RESET (RESET)
2.
Gnd
3.
Vcc
Threshold Voltage Option
From 2.63V ~ 4.63V
General Description
The TS809/810/809R/810R are microprocessor (µP) supervisory circuit used to monitor the power supplies in µP and
digital systems. They provide excellent circuit reliability and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V powered circuits. These circuits perform a single function: they assert
a reset signal whenever the VCC supply voltage declines below a preset threshold, keeping it asserted for at least
240ms(typ) after VCC has risen above the reset threshold. Reset thresholds suitable for operation with a variety of
supply voltages are available. The TS809/810/809R/810R have push pull outputs. The TS809/809R have an active
low RESET output, while the TS810/810R has an active high RESET output. The reset comparator is designed to
ignore fast transients on VCC, and the output guaranteed to be in the correct logic state for VCC down to 1V. Low
supply correct makes the TS809/810/809R/810R ideal for use in portable equipment.
The TS809/810/809R/810R is available in a 3-pin SOT-23 package.
Features
Precision monitoring of +3V, +3.3V and +5V
power supply voltage
Fully specified over temperature
Available in three output configurations
Push-Pull RESET low output (TS809 & TS809R)
Push-Pull RESET high output (TS810 & TS810R)
140mS min. power-on reset pulse width
12uA supply current
Guaranteed reset valid to Vcc = +1V
Power supply transient immunity
No external components
Ordering Information
Note: x is the threshold voltage type, option as
A: 4.63V
B: 4.38V
C: 4.00V
D: 3.08V
E: 2.93V
F: 2.63V
Part No.
Enable Function
Package
TS809CX x
Active-Low
TS810CX x
Active-High
TS809RCXx
Active-Low
TS810RCXx
Active-High
SOT-23
Applications
Computers
Controllers
Intelligent instruments
Critical uP and uC power monitoring
Portable / Battery powered equipment
Automotive
Pin Descriptions
Name
Description
Gnd
Ground
RESET
(RESET)
Reset output pin
L: for TS809 & TS811
H: for TS809R & TS811R
Vcc
Operating voltage input


Similar Part No. - TS809

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS809 TSC-TS809 Datasheet
331Kb / 7P
Microprocessor Reset Circuit
TS809CXARF TSC-TS809CXARF Datasheet
331Kb / 7P
Microprocessor Reset Circuit
TS809CXBRF TSC-TS809CXBRF Datasheet
331Kb / 7P
Microprocessor Reset Circuit
TS809CXCRF TSC-TS809CXCRF Datasheet
331Kb / 7P
Microprocessor Reset Circuit
TS809CXDRF TSC-TS809CXDRF Datasheet
331Kb / 7P
Microprocessor Reset Circuit
More results

Similar Description - TS809

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com