Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1451CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1451CS
Description  Dual Channel PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1451CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1451CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS1451
3-7
2003/12 rev. A
Electrical Characteristics (Ta= 25
oC, V
CC = 6V, f= 200KHz; unless otherwise specified)
REFERENCE SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Output voltage (Vref)
Io=1mA
2.45
2.5
2.6
V
Line regulation
Vcc= 3.6V to 40V
--
2.0
12.5
Load regulation
Io= 0.1mA to 1mA
--
1.0
7.5
mV
Output voltage change with temp.
∆Ta=Min to Max
--
- 0.2
+/-1
%
Short-circuit output current
Vref= 0
3
10
30
mA
UNDERVOLTAGE LOCKOUT SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Upper threshold voltage (Vcc)
--
2.65
--
V
Lower threshold voltage (Vcc)
--
2.45
--
V
Hysterics (Vcc)
Io(ref)= 0.1mA
80
200
--
mV
SHORT-CIRCUIT PROTECTION CONTROL SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Input threshold voltage
0.65
0.7
0.75
V
Standby voltage
No pull up
140
185
--230
mV
Latched input voltage
No pull up
--
60
120
mV
Input (source) current
Vin= 0.7V
- 10
- 15
- 20
uA
Comparator threshold voltage (FB)
--
1.18
--
V
OSCILLATOR SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Frequency
CT= 330pF, RT= 10KΩ
--
200
--
KHz
Standard deviation of frequency
CT= 330pF, RT= 10KΩ
--
10
--
Frequency change with voltage
Vcc= 3.6V to 40V
--
1
--
Frequency change with temperature
∆Ta= Min to Max
--
--
+/- 2
%
DEAD-TIME CONTROL SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Input bias current
--
--
1
Latch mode (source) current
- 80
- 145
--
uA
Latch input voltage
Io= 40uA
2.3
--
--
Zero duty cycle
--
2.05
2.25
Input threshold voltage at f= 10KHz
Maximum duty cycle
1.2
1.45
--
V
OUTPUT SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Leakage current
Vo= 40V
--
--
10
uA
Output saturation voltage
Io= 10mA
--
1.2
2
V
Short-circuit output current
Vo= 6V
--
90
--
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com