Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1451CS Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS1451CS
Description  Dual Channel PWM Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1451CS Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1451CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1451CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS1451
4-7
2003/12 rev. A
Electrical Characteristics (Continued)
ERROR AMPLIFIER SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Input offset voltage
Vo(FB)= 1.25V
--
--
+/- 6
mV
Input offset current
Vo(FB)= 1.25V
--
--
+/- 100
nA
Input bias current
Vo(FB)= 1.25V
--
160
500
nA
Common-mode input voltage range
Vcc= 3.6V to 40V
1.05 to 1.45
V
Open-loop voltage amplification
Rf= 200K
Ω
70
80
--
dB
Unity-gain bandwidth
--
1.5
--
MHz
Common-mode rejection ratio
60
80
--
dB
Maximum output voltage
Vref-0.1
--
--
V
Minimum output voltage
--
--
1
V
Output sink current (FB)
VID= -0.1, Vo= 1.25V
0.5
1.6
--
mA
Output source current (FB)
VID= 0.1, Vo= 1.25V
-45
-70
--
uA
PWM COMPARATOR SECTION
Parameter
Test Conditions
Min
Typ
Max
Unit
Input threshold voltage (FB)
f= 10KHz
Zero duty cycle
--
2.05
2.25
V
Input sink current (pin 3)
Maximum duty cycle
1.2
1.45
--
mA
TOTAL DEVICE
Parameter
Test Conditions
Min
Typ
Max
Unit
Standby supply current
Off-state
--
2.5
3.0
Average supply current
RT= 10K
Ω
--
2.8
3.5
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com