Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCW2-6000 Datasheet(PDF) 9 Page - Mini-Circuits

Part # TCW2-6000
Description  RF Transformer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCW2-6000 Datasheet(HTML) 9 Page - Mini-Circuits

  TCW2-6000 Datasheet HTML 1Page - Mini-Circuits TCW2-6000 Datasheet HTML 2Page - Mini-Circuits TCW2-6000 Datasheet HTML 3Page - Mini-Circuits TCW2-6000 Datasheet HTML 4Page - Mini-Circuits TCW2-6000 Datasheet HTML 5Page - Mini-Circuits TCW2-6000 Datasheet HTML 6Page - Mini-Circuits TCW2-6000 Datasheet HTML 7Page - Mini-Circuits TCW2-6000 Datasheet HTML 8Page - Mini-Circuits TCW2-6000 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV06
Operating Temperature
-55° to 100°C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Humidity
90 to 95% RH, 240 hours, 50°C
MIL-STD-202, Method 103, Condition A, Except 50°C
and end-point electrical test done within 12 hours
Solder Reflow Heat
Sn-Pb Eutetic Process: 225°C peak
Pb-Free Process 245° - 250°C peak
J-STD-020, Table 4-1, 4-2 and 5-2, Figure 5-1
Solderability
10X Magnification
J-STD-002, Para 4.2.5, Test S, 95% Coverage
Vibration (High Frequency)
20g peak, 10-2000 Hz, 12 times in each of three
perpendicular directions (total 36)
MIL-STD-202, Method 204, Condition D
Mechanical Shock
50g, 11 ms, 1/2-sine, 18 shocks: 3 each direction, each of 3
axes
MIL-STD-202, Method 213, Condition A
This document and its contents are the property of Mini-Circuits.
Rev:
ENV06
A
02/25/11
File:
M130240
ENV06.pdf
Page: 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com