Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCW2-6000 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TCW2-6000
Description  RF Transformer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCW2-6000 Datasheet(HTML) 1 Page - Mini-Circuits

  TCW2-6000 Datasheet HTML 1Page - Mini-Circuits TCW2-6000 Datasheet HTML 2Page - Mini-Circuits TCW2-6000 Datasheet HTML 3Page - Mini-Circuits TCW2-6000 Datasheet HTML 4Page - Mini-Circuits TCW2-6000 Datasheet HTML 5Page - Mini-Circuits TCW2-6000 Datasheet HTML 6Page - Mini-Circuits TCW2-6000 Datasheet HTML 7Page - Mini-Circuits TCW2-6000 Datasheet HTML 8Page - Mini-Circuits TCW2-6000 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
0.5W
Pad Connections
Function
Pin Number
PRIMARY DOT (Unbalanced Port)
1
GND or DC FEED + RF
2
SECONDARY DOT (Balanced)
3
SECONDARY (Balanced)
4
NO CONNECTION
6
GND
5
TCW2-6000+
50Ω
3100 to 6000 MHz 1:2 Ratio
RF Transformer
Ceramic Balun
CASE STYLE: JC0603C
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Generic photo used for illustration purposes only
Configuration R
Permanent damage may occur if any of these limits are exceeded.
Features
• wideband, 3100 to 6000 MHz
• miniature size 0603 (1.6x0.8mm)
• LTCC construction
• low cost
• aqueous washable
Applications
• WLAN
• A/D conversion
• WiFi
• transmitters and receivers
• cellular
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio (Secondary/Primary)
2
Frequency Range
3100
6000
MHz
Insertion Loss1
3100 - 6000
1.1
1.8
dB
Amplitude Unbalance
3100 - 6000
1.5
2.5
dB
Phase Unbalance2
3100 - 6000
11
15
Degree
1. Reference Demo Board TB-912+
2. Relative to 180°
REV. OR
ECO-001061
TCW2-6000+
AVB/CP/AM
200403


Similar Part No. - TCW2-6000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCW2-6000+ MINI-TCW2-6000+ Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results

Similar Description - TCW2-6000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com