Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA43 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MMBTA43
Description  HighVoltageTransistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA43 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MMBTA43 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA43 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA43 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA43 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
ti
n
U
x
a
M
n
i
M
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
ON CHARACTERISTICS (3)
h
n
i
a
G
t
n
e
rr
u
C
C
D
FE
––
(I C = 1.0 mAdc, V CE
—
5
2
s
e
p
y
T
h
t
o
B
)
c
d
V
0
1
=
(I C = 10 mAdc, V CE
—
0
4
s
e
p
y
T
h
t
o
B
)
c
d
V
0
1
=
—
0
4
2
4
A
T
B
M
M
(I C = 30 mAdc, V CE
—
0
4
3
4
A
T
B
M
M
)
c
d
V
0
1
=
V
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
–
r
o
t
c
e
ll
o
C
CE(sat)
Vdc
(I C = 20 mAdc, I B
5
.
0
—
2
4
A
T
B
M
M
)
c
d
A
m
0
.
2
=
5
.
0
—
3
4
A
T
B
M
M
Base–Emitter Saturation Voltage
V
BE(sat)
—
0.9
Vdc
(I C = 20 mAdc, I B= 2.0 mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current –Gain–Bandwidth Product
f
T
50
—
MHz
(V CE = 20 Vdc, I C = 10mA, f = 100 MHz)
C
e
c
n
a
ti
c
a
p
a
C
e
s
a
B
–
r
o
t
c
e
ll
o
C
cb
pF
(V CB= 20 Vdc, I E
0
.
3
—
2
4
A
T
B
M
M
)
z
H
M
0
.
1
=
f
,
0
=
0
.
4
—
3
4
A
T
B
3. Pulse Test: Pulse Width <300 µs, Duty Cycle <2.0%.
M
M
MMBTA42/43
2007. 12. 18
2/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com