Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA43 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # MMBTA43
Description  HighVoltageTransistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MMBTA43 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  MMBTA43 Datasheet HTML 1Page - First Silicon Co., Ltd MMBTA43 Datasheet HTML 2Page - First Silicon Co., Ltd MMBTA43 Datasheet HTML 3Page - First Silicon Co., Ltd MMBTA43 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
200
100
50
30
20
1.0
2 0
3 0
5.0
7.0
10
20
30
50
70
100
I
C , COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
T
J = 125°C
25°C
– 55°C
V
CE= 10Vdc
C
eb
V
R, REVERSE VOLTAGE (VOLTS)
Figure 2. Capacitance
0 2
0 5
1 0
2 0
5 0
10
20
50
100
200
100
50
20
10
5.0
2.0
1.0
C
cb
I C , COLLECTOR CURRENT (mA)
Figure 3. Current–Gain — Bandwidth Product
T J= 25°C
V CE = 20 V
f = 20 MHz
1.0
2.0 3.0
5 0 7.0 10
20 30
50 70 100
100
70
50
30
20
10
I C , COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
T J = 25°C
V BE(sat) @ I C /I B = 10
V BE(on) @ V CE = 10 V
V CE(sat) @ I C /I B = 10
5.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1.0
2.0 3.0
5 0 7.0 10
20 30
50 70 100
MMBTA42/43
2007. 12. 18
3/4
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com