Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD1CAN Datasheet(PDF) 1 Page - TECH PUBLIC Electronics co LTD

Part # TPESD1CAN
Description  Can bus Esd Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD1CAN Datasheet(HTML) 1 Page - TECH PUBLIC Electronics co LTD

  TPESD1CAN Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD1CAN Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD1CAN Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD1CAN Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPESD1CAN
Features
Mechanical Characteristics
Applications
Ordering Information
Part Number
Qty per Reel
Reel Size
3000
7”
TPESD1CAN
Can bus Esd Protection Diode
2
3
1
Ultra-Low capacitance (< 14pF)
Low Clamping Voltage
Working Voltage: 24V
Low Leakage Current
IEC 61000-4-2 (ESD) ±20kV (air), ±15kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
SOT-23 package
Molding compound flammability rating:
UL 94V-0
Packaging: Tape and Reel per EIA 481
RoHS Compliant
CAN Bus Protection
Automotive Appllcatrons
Dimensions and Pin Configuration
1
www.sot23.com.tw


Similar Part No. - TPESD1CAN

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPESD1001C6 TECHPUBLIC-TPESD1001C6 Datasheet
1Mb / 4P
Low Capacitance ESD Protection Diode
TPESD1255P TECHPUBLIC-TPESD1255P Datasheet
2Mb / 4P
Low Capacitance Surge Protection for USB Interfaces
TPESD1271P TECHPUBLIC-TPESD1271P Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
TPESD12U30AS3 TECHPUBLIC-TPESD12U30AS3 Datasheet
1Mb / 4P
2 -L ine bi -directional TVS Diode
TPESD12VA-SFYL TECHPUBLIC-TPESD12VA-SFYL Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
More results

Similar Description - TPESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
CAN BUS ESD PROTECTION DIODE
Rev 1
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
CAN BUS ESD PROTECTION DIODE
Rev 1
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
PESD2CAN TECHPUBLIC-PESD2CAN Datasheet
982Kb / 4P
Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com