Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4124 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # 4124
Description  POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

4124 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  4124 Datasheet HTML 1Page - Filtronic Compound Semiconductors 4124 Datasheet HTML 2Page - Filtronic Compound Semiconductors 4124 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
POWER DIVIDERS
FOUR-WAY, 1 TO 18 GHZ
SPECIFICATION
FEATURES
• Designed to Meet MIL-E-5400 Class 3
• SMA Female Connectors per MIL-PRF-39012
• High Isolation Wilkinson Circuit Design
4004 SERIES
SPECIFICATIONS
Frequency
Range
GHz
Insertion
Loss max
(dB) @ f (GHz)
VSWR
max
Input/Output
Isolation
min
(dB)
Amplitude
Unbalance
max
(dB)
Phase
Unbalance
max
(Degrees)
Average
Power1
(W) @ 1 GHz
Model
1-2
0.6
1.25/1.25
20
0.3
4
20
4124
2-4
0.4
1.25/1.25
20
0.3
6
20
4134
2-6
0.7
1.35/1.35
20
0.3
6
20
4234A
3.7-4.2
0.4
1.20/1.20
20
0.2
62
5
4214
3.7-4.2
0.4
1.20/1.20
20
0.2
62
5
4214A
4-8
0.8
1.35/1.35
20
0.4
8
20
4144
8-18
0.6
1.60/1.50
17
0.5
16
5
4234
NOTES:
1.
Input power with 1.5 max output load VSWR. Power handling is reduced when used as a combiner. Consult factory
2.
To equalize the phase at all four ports, add an additional external line length to J3 and J4 equivalent to 3.5 cm of air line each.
OUTLINE DRAWING
MODELS 4124, 4134, 4234A, 4214 AND 4144
Sage Laboratories, Inc.
11 Huron Drive
Natick, MA 01760-1338
Tel: 508-653-0844
Fax: 508.653.5671
www.sagelabs.com


Similar Part No. - 4124

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4124 PEREGRINE-4124 Datasheet
265Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
logo
Unisonic Technologies
4124 UTC-4124 Datasheet
130Kb / 3P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
API Technologies Corp
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
More results

Similar Description - 4124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-112312 MACOM-DS-112312 Datasheet
109Kb / 2P
Four-Way Power Dividers 10 - 500 MHz
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
Three-Way Power Dividers 1 - 300 MHz
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
4005 FILTRONIC-4005 Datasheet
287Kb / 2P
POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
logo
Merrimac Industries, In...
PDD-3X-1.5G MERRIMAC-PDD-3X-1.5G Datasheet
162Kb / 5P
2-WAY POWER DIVIDERS
PDD-3Z-2.45G MERRIMAC-PDD-3Z-2.45G Datasheet
136Kb / 5P
3-WAY POWER DIVIDERS
logo
M/A-COM Technology Solu...
2089 MA-COM-2089 Datasheet
117Kb / 3P
Two-, Four-, & Eight-Way Isolated Power Dividers Wilkinson
logo
API Technologies Corp
4002 APITECH-4002 Datasheet
175Kb / 2P
TWO WAY, 1 TO 18 GHz
4004 APITECH-4004 Datasheet
195Kb / 3P
FOUR-WAY, 1 TO 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com