Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1086CP25 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1086CP25
Description  1.5A Low Dropout Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086CP25 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1086CP25 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086CP25 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086CP25 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086CP25 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086CP25 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086CP25 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS1086
1-1
2003/12 rev. B
TS1086
1.5A Low Dropout Positive Voltage Regulator
Low Dropout Voltage 1.3V max.
General Description
The TS1086 Series are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, the PJ1086 Series provides excellent regulation over variations due
to changes in line, load and temperature. Outstanding features include low dropout performance at rated current, fast
transient response, internal current limiting and thermal shutdown protection of the output device. The TS1086 Series are
three terminal regulators with fixed and adjustable voltage options available in popular packages.
This series is offered in 3-pin TO-263, TO-220, TO-252 and SOT-223 package.
Features
Low dropout performance 1.3V max.
Full current rating over line and temperature.
Fast transient response
±
2%Total output regulation over line, load and
temperature
Adjust pin current max 90μA over temperature
Line regulation typical 0.015%.
Load regulation typical 0.05%.
Fixed/adjustable output voltage
TO-220, TO-263 TO-252 and SOT-223 package
Block Diagram
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS1086CZxx
TO-220
TS1086CMxx
TO-263
TS1086CPxx
TO-252
TS1086CWxx
-20 ~ +85
oC
SOT-223
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V and 1.8V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Absolute Maximum Rating
Input Supply Voltage
Vin
12
V
Operation Input Supply Voltage
Vin (operate)
7
V
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-25 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
TO-220 / TO-263 Package
TO-252 / SOT-223 Package
10
5
S
TO-263
Pin assignment:
1. Ground / Adj
2. Output
3. Input
Pin 2 connect to heatsink


Similar Part No. - TS1086CP25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1086CPRO TSC-TS1086CPRO Datasheet
168Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
TS1086CPXXRO TSC-TS1086CPXXRO Datasheet
482Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1086CP25

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
1.5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
1.5A Dual Input Low Dropout Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
1.5A Ultra Low Dropout Positive Voltage Regulator
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com