Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1583 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1583 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1583
Download  TS1583 Download
File Size   135.71 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.5A Dual Input Low Dropout Positive Voltage Regulator

TS1583 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1583 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1583
Download  TS1583 Click to download

File Size   135.71 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.5A Dual Input Low Dropout Positive Voltage Regulator

TS1583 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1583 Product details

General Description
The TS1583 family is a positive adjustable and fixed voltage regulator developed to provide 1.5A with Higher efficiency than currently available devices. All internal circuit is designed to operate down to 700mV input to output differential and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light loads and rising to 700mV at maximum output current. A Second low current input is required to achieve this dropout. The TS1583 series are designed to prevent device failure under the worst operation condition with both Thermal Shutdown and Current Fold-back.

Features
● Very low dropout voltage: 700mV @1.5A
● Output current up to 1.5A
● Low current Consumption
● High Accuracy Output Voltage: ±1%
● Fast transient response
● Remote sense
● Internal current limit
● Thermal shutdown protection

Applications
● High efficiency linear regulator
● Post regulators for switching supplies
● Advance graphic card
● Adjustable power supply




Similar Part No. - TS1583

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583 Datasheet
432Kb / 9P
1.5A Dual Input LDO
TS1583CM5 TSC-TS1583CM5 Datasheet
432Kb / 9P
1.5A Dual Input LDO
TS1583CZ5 TSC-TS1583CZ5 Datasheet
432Kb / 9P
1.5A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
1.5A Dual Input LDO
More results


Similar Description - TS1583

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
1.5A Low Dropout Positive Voltage Regulator
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
5A Dual Input Low Dropout Positive Voltage Regulator
TS1582 TSC-TS1582 Datasheet
135Kb / 7P
3A Dual Input Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
1.5A Ultra Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G969A GMT-G969A Datasheet
43Kb / 1P
1.5A Low Dropout Regulator with Dual Input Voltage
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com