Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1582 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1582 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1582
Download  TS1582 Download
File Size   135.7 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A Dual Input Low Dropout Positive Voltage Regulator

TS1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1582 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1582
Download  TS1582 Click to download

File Size   135.7 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A Dual Input Low Dropout Positive Voltage Regulator

TS1582 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1582 Product details

General Description
The TS1582 family is a positive adjustable and fixed voltage regulator developed to provide 3A with Higher efficiency than currently available devices. All internal circuit is designed to operate down to 700mV input to output differential and the dropout voltage is fully specified as a function of load current. Dropout voltage of the device is 100mV at light loads and rising to 700mV at maximum output current. A Second low current input is required to achieve this dropout. The TS1582 series are designed to prevent device failure under the worst operation condition with both Thermal Shutdown and Current Fold-back.

Features
● Very low dropout voltage: 700mV @3A
● Output current up to 3A
● Low current Consumption
● High Accuracy Output Voltage: ±1%
● Fast transient response
● Remote sense
● Internal current limit
● Thermal shutdown protection

Applications
● High efficiency linear regulator
● Post regulators for switching supplies
● Advance graphic card
● Adjustable power supply




Similar Part No. - TS1582

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582 Datasheet
432Kb / 9P
3A Dual Input LDO
TS1582CM5RN TSC-TS1582CM5RN Datasheet
432Kb / 9P
3A Dual Input LDO
TS1582CM5XXRN TSC-TS1582CM5XXRN Datasheet
432Kb / 9P
3A Dual Input LDO
TS1582CZ5C0 TSC-TS1582CZ5C0 Datasheet
432Kb / 9P
3A Dual Input LDO
TS1582CZ5XXC0 TSC-TS1582CZ5XXC0 Datasheet
432Kb / 9P
3A Dual Input LDO
More results


Similar Description - TS1582

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
3A Low Dropout Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com