Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF857GQL Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCVF857GQL
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF857GQL Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCVF857GQL Datasheet HTML 4Page - Texas Instruments CDCVF857GQL Datasheet HTML 5Page - Texas Instruments CDCVF857GQL Datasheet HTML 6Page - Texas Instruments CDCVF857GQL Datasheet HTML 7Page - Texas Instruments CDCVF857GQL Datasheet HTML 8Page - Texas Instruments CDCVF857GQL Datasheet HTML 9Page - Texas Instruments CDCVF857GQL Datasheet HTML 10Page - Texas Instruments CDCVF857GQL Datasheet HTML 11Page - Texas Instruments CDCVF857GQL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CDCVF857
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS047D − MARCH 2003 − REVISED JUNE 2005
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
GND
VDD
R = 60
Ω
VYx
R = 60
Ω
VDD/2
VYx
CDCVF857
Figure 1. IBIS Model Output Load
SCOPE
C = 14 pF
VDD/2
−VDD/2
Z = 60
Ω
Z = 60
Ω
Z = 50
Ω
Z = 50
Ω
R = 10
Ω
R = 10
Ω
R = 50
Ω
V(TT)
R = 50
Ω
V(TT)
C = 14 pF
−VDD/2
−VDD/2
V(TT) = GND
CDCVF857
Figure 2. Output Load Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com