Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF857GQL Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCVF857GQL
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF857GQL Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCVF857GQL Datasheet HTML 8Page - Texas Instruments CDCVF857GQL Datasheet HTML 9Page - Texas Instruments CDCVF857GQL Datasheet HTML 10Page - Texas Instruments CDCVF857GQL Datasheet HTML 11Page - Texas Instruments CDCVF857GQL Datasheet HTML 12Page - Texas Instruments CDCVF857GQL Datasheet HTML 13Page - Texas Instruments CDCVF857GQL Datasheet HTML 14Page - Texas Instruments CDCVF857GQL Datasheet HTML 15Page - Texas Instruments CDCVF857GQL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
CDCVF857
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS047D − MARCH 2003 − REVISED JUNE 2005
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
V
DDQ
GND
CARD
VIA
CARD
VIA
Bead
0603
4.7 uF
1206
0.1 uF
0603
2200 pF
0603
AV
DD
AGN D
See Notes 9, 10, and 11
PLL
Figure 10. Recommended AVDD Filtering
NOTES:
9. Place the 2200-pF capacitor close to the PLL.
10. Use a wide trace for the PLL analog power and ground. Connect PLL and capacitors to AGND trace and connect trace to one GND
via (farthest from the PLL).
11. Recommended bead: Fair-Rite P/N 2506036017Y0 or equilvalent (0.8
Ω dc maximum, 600 Ω at 100 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com