Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75602-ESH Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 47Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 48Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 49Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 50Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 51Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 52Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 53Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 54Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 82 page
background image
Datasheet
51
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Diagnosis
Figure 27 Output Status Monitor - concept (Auto-configurable channel as Low-Side)
In Standard Diagnosis the bit OLOFF represents the OR combination of all DIAG_OSM.OUTn bits for all
channels in OFF state which have the corresponding current source IOLactivated.
9.3
Open Load at ON
Each auto-configurable channel (when used as high-side switch) channel has the possibility of Open Load at
ON diagnosis, which can be controlled programming DIAG_OLONEN.MUX bits. By default after a reset Open
Load at ON diagnosis is not active. The device compares IL_Sn with IL(OL) and sets the DIAG_OLON.OUTn
accordingly:
• IL_Sn < IL(OL) → DIAG_OLON.OUTn = “1” if VOUTn_S > VOUT_S(OL)
9.3.1
Open Load at ON - direct channel diagnosis
When DIAG_OLONEN.MUX bits are programmed with a value corresponding to a channel (0010B → 0111B), the
internal multiplexer checks for Open Load at ON condition on the selected channel. It is recommended that
the channel is ON for at least tON before activating the diagnosis. After a time tOLONSET the corresponding
DIAG_OLON.OUTn bit for the selected channel is available. All the other bits in the DIAG_OLON register are
set to default (“0B”). The bits are updated every time the register is read.
When a channel is selected, the corresponding DIAG_OLON.OUTn bit content is mirrored also in the
Standard Diagnosis (bit OLON). In case of several register readouts in sequence the register content is updated
at every read request from micro-controller. See Figure 28 for further details.
OutStatMon_XS_LS.emf
Auto-configurable
Channel (as low-side)
GND
VS
OUT_Dn
OUT_Sn
VDS
ROL
IOL
IOL
VDS(OL)
VDS < VDS(OL)
DIAG_OSM.OUTn = „1"
DIAG_OSM.OUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com