Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE75602-ESH Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE75602-ESH
Description  SPIDER 12V SPI Driver for Enhanced Relay Control
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 17Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 18Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 19Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 20Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 21Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 22Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 23Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 24Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
Datasheet
21
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Power Supply
Table 6
Device capability as function of VS and VDD
VDD ≤ VDD(UV)
(VDD(UV) = P_6.3.25)
VDD = VDD(LOP)
(VDD(LOP) = P_6.3.24)
VDD > VDD(LOP)
VS ≤ 3.0 V
3.0 V = VS(UV),max
(P_6.3.1)
channels cannot be
controlled
channels cannot be
controlled
channels cannot be
controlled
SPI registers reset
SPI registers available
SPI registers available
SPI communication not
available (fSCLK = 0 MHz)
SPI communication
possible (fSCLK = 1 MHz)
(P_10.4.34)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
Limp Home mode not
available
Limp Home mode available
(channels are OFF)
Limp Home mode available
(channels are OFF)
3.0 V < VS ≤ VS(OP)
(VS(OP) = P_6.3.2)
channels cannot be
controlled by SPI
channels can be switched
ON and OFF (SPI control)1)
(RDS(ON) deviations possible)
channels can be switched
ON and OFF (SPI control)1)
(RDS(ON) deviations possible)
SPI registers reset
SPI registers available
SPI registers available
SPI communication not
available (fSCLK = 0 MHz)
SPI communication
possible (fSCLK = 1 MHz)
(P_10.4.34)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
Limp Home mode
available1) (RDS(ON)
deviations possible)
1) undervoltage condition on VS must be considered - see Chapter 6.2.1 for more details
Limp Home mode
available1) (RDS(ON)
deviations possible)
Limp Home mode
available1) (RDS(ON)
deviations possible)
VS ≥ VS(OP)
channels cannot be
controlled by SPI
channels can be switched
ON and OFF
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
channels can be switched
ON and OFF
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
SPI registers reset
SPI registers available
SPI registers available
SPI communication not
available (fSCLK = 0 MHz)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
SPI communication
possible (fSCLK = 5 MHz)
(P_10.4.22)
Limp Home mode available
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
Limp Home mode available
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))
Limp Home mode available
(small RDS(ON) dev. possible
when VS = VS(EXT,LOW))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com