Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2002 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2002
Description  SP3T Reflective pHEMT MMIC Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2002 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2002 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2002 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2002 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2002 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Data Sheet
1.0
subject to change without notice
miconductors Ltd, Heighington Lane Business Park, Newton Aycliffe, Co Durham. DL5 6JW
+44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Website: www.filcs.com
Filtronic Compound Se
.
Contact Details: Tel:
FMS2002 ES1
SP3T Bonding Configuration
Pad Number
Port
Symbol
Connection on Board*
1
RF input port 1
RF 1
RF1
2
RF input port 2
RF 2
RF3
3
DC Control line 2
Vctrl 2
V3
4
RF input port 3
RF 3
RF2
5
DC Control line 1
Vctrl 1
V1
6
Antenna
ANT
ANT
7
DC Control line 3
Vctrl 3
V2
* RF4, RF 5, V4 and V5 lines are unused.
Bonding Pad Layout
0.00
mm
97 µm (x)
792
µm (y)
SP3T F1
5
6
593 µm (x)
97 µm (x)
319
µm (y)
792
µm (y)
554.75
µm (y)
48.5
µm (y)
593 µm (x)
2
1
3
7
4
48.5
µm (y)
551.5
µm (y)
97 µm (x)
792
µm (y)
SP3T F1
SP3T F1
5
6
593 µm (x)
97 µm (x)
319
µm (y)
792
µm (y)
554.75
µm (y)
48.5
µm (y)
593 µm (x)
2
1
3
2
1
3
7
4
48.5
µm (y)
551.5
µm (y)
Preliminary specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com