Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMS2002 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2002
Description  SP3T Reflective pHEMT MMIC Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2002 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2002 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2002 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2002 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2002 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary Data Sheet
1.0
FMS2002 ES1
SP3T Reflective pHEMT MMIC Switch
FMS2002 ES1
Description
The FMS2002 is a linear high power Single-Pole Three-Throw MMIC
Antenna Switch designed for use in Dual-band handsets GSM900 and
GSM1800/1900 combinations. The switch is designed with one antenna
port that can be routed to any one of the three RF ports.
Features
· Low insertion loss (0.5dB @ 900 MHz)
· Operation down to 2V control
· 3 control lines. Single positive voltage supply
· Low harmonics (Typical -73dBc at Pin=+34.5dBm)
· High Isolation (30 dB @ 900 MHz)
· Filtronic Advanced GaAs pHEMT Technology
Electrical Characteristics (at 25C°, [Vctrl 0,+2.7V], 50 Ohm system, under CW )
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
1
0.45
dB
2
0.55
dB
Insertion Loss
IL
3
0.5
dB
1
35
dB
Isolation –
RF – Ant on.
ISO
2
26
dB
S11
S11
1
-25
dB
S11
S11
2
-18
dB
2fo
3
-74
dBc
Harmonics
3fo
3
-73
dBc
Leakage Current - Tx
IlkTx
3
2.9
mA
Leakage Current – Rx
IlkRx
3
3.2
mA
Condition
1
Small signal, DC – 1GHz, Vctrl = 2.7V/0V
2
Small signal, 1-2 GHz, Vctrl = 2.7V/0V
3
Input power=34.5dBm, EGSM Tx 880-915MHz, Vctrl=2.7V/0V
GaAs MMIC’s are ESD sensitive devices. Special handling precautions are required.
Truth Table
Control Voltage
Operation
Vctrl 1
Vctrl 2
Vctrl 3
RF1-Ant
HIGH
0
0
RF2-Ant
0
HIGH
0
RF3-Ant
0
0
HIGH
Control values
Control
Min
Typ.
Max
Unit
High
-
2.7
-
V
Low
-
0.0
-
V
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd, Heighington Lane Business Park, Newton Aycliffe, Co Durham. DL5 6JW.
Contact Details: Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com Website: www.filcs.com


Similar Part No. - FMS2002

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2002QFN FILTRONIC-FMS2002QFN Datasheet
588Kb / 3P
SP3T Reflective pHEMT MMIC Switch
FMS2002QFNES1 FILTRONIC-FMS2002QFNES1 Datasheet
588Kb / 3P
SP3T Reflective pHEMT MMIC Switch
More results

Similar Description - FMS2002

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Filtronic Compound Semi...
FMS2001 FILTRONIC-FMS2001 Datasheet
395Kb / 3P
Low Loss SPDT Reflective pHEMT MMIC Switch
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
SPDT Reflective pHEMT MMIC Switch
FMS2002QFN FILTRONIC-FMS2002QFN Datasheet
588Kb / 3P
SP3T Reflective pHEMT MMIC Switch
FMS2003 FILTRONIC-FMS2003 Datasheet
459Kb / 4P
SP4T Reflective pHEMT MMIC Switch
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16_06 Datasheet
268Kb / 6P
GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
TriQuint Semiconductor
TQP4M0011 TRIQUINT-TQP4M0011_15 Datasheet
486Kb / 6P
Low Loss SP3T Reflective Switch
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
M/A-COM Technology Solu...
MASW-011032 MA-COM-MASW-011032_14 Datasheet
683Kb / 5P
Switch, SP3T 100 Watt Reflective
MASW-011030 MA-COM-MASW-011030 Datasheet
693Kb / 6P
Switch, SP3T 100 Watt Reflective
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com