Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M261 Datasheet(PDF) 39 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 39 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 35Page - Nuvoton Technology Corporation M261 Datasheet HTML 36Page - Nuvoton Technology Corporation M261 Datasheet HTML 37Page - Nuvoton Technology Corporation M261 Datasheet HTML 38Page - Nuvoton Technology Corporation M261 Datasheet HTML 39Page - Nuvoton Technology Corporation M261 Datasheet HTML 40Page - Nuvoton Technology Corporation M261 Datasheet HTML 41Page - Nuvoton Technology Corporation M261 Datasheet HTML 42Page - Nuvoton Technology Corporation M261 Datasheet HTML 43Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 39 of 398
Rev 1.02
33
Pin
64
Pin
128
Pin
Pin Name
Type
MFP
Description
ECAP1_IC2
I
MFP11
Enhanced capture unit 1 input 2 pin.
EPWM1_CH0
I/O
MFP12
EPWM1 channel 0 output/capture input.
ACMP0_O
O
MFP14
Analog comparator 0 output pin.
6
PC.11
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR5
O
MFP2
EBI address bus bit 5.
UART0_RXD
I
MFP3
UART0 data receiver input pin.
I2C0_SDA
I/O
MFP4
I
2C0 data input/output pin.
SPI3_MOSI
I/O
MFP6
SPI3 MOSI (Master Out, Slave In) pin.
ECAP1_IC1
I
MFP11
Enhanced capture unit 1 input 1 pin.
EPWM1_CH1
I/O
MFP12
EPWM1 channel 1 output/capture input.
ACMP1_O
O
MFP14
Analog comparator 1 output pin.
7
PC.10
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR6
O
MFP2
EBI address bus bit 6.
SPI3_CLK
I/O
MFP6
SPI3 serial clock pin.
UART3_TXD
O
MFP7
UART3 data transmitter output pin.
ECAP1_IC0
I
MFP11
Enhanced capture unit 1 input 0 pin.
EPWM1_CH2
I/O
MFP12
EPWM1 channel 2 output/capture input.
8
PC.9
I/O
MFP0
General purpose digital I/O pin.
EBI_ADR7
O
MFP2
EBI address bus bit 7.
SPI3_SS
I/O
MFP6
SPI3 slave select pin.
UART3_RXD
I
MFP7
UART3 data receiver input pin.
EPWM1_CH3
I/O
MFP12
EPWM1 channel 3 output/capture input.
5
6
9
PB.1
I/O
MFP0
General purpose digital I/O pin.
EADC0_CH1
A
MFP1
EADC0 channel 1 analog input.
EBI_ADR8
O
MFP2
EBI address bus bit 8.
SD0_CLK
O
MFP3
SD/SDIO0 clock output pin
SPI1_I2SMCLK
I/O
MFP5
SPI1 I
2S master clock output pin
SPI3_I2SMCLK
I/O
MFP6
SPI3 I
2S master clock output pin
UART2_TXD
O
MFP7
UART2 data transmitter output pin.
USCI1_CLK
I/O
MFP8
USCI1 clock pin.
I2C1_SCL
I/O
MFP9
I
2C1 clock pin.
I2S0_LRCK
O
MFP10
I
2S0 left right channel clock output pin.
EPWM0_CH4
I/O
MFP11
EPWM0 channel 4 output/capture input.
EPWM1_CH4
I/O
MFP12
EPWM1 channel 4 output/capture input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com