Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M261 Datasheet(PDF) 20 Page - Nuvoton Technology Corporation

Part # M261
Description  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M261 Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button M261 Datasheet HTML 16Page - Nuvoton Technology Corporation M261 Datasheet HTML 17Page - Nuvoton Technology Corporation M261 Datasheet HTML 18Page - Nuvoton Technology Corporation M261 Datasheet HTML 19Page - Nuvoton Technology Corporation M261 Datasheet HTML 20Page - Nuvoton Technology Corporation M261 Datasheet HTML 21Page - Nuvoton Technology Corporation M261 Datasheet HTML 22Page - Nuvoton Technology Corporation M261 Datasheet HTML 23Page - Nuvoton Technology Corporation M261 Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 398 page
background image
M261/M262/M263
Mar 25, 2020
Page 20 of 398
Rev 1.02
 Supports MSB first or LSB first transfer sequence
 Supports Word Suspend function
 Supports 3-wire, no slave select signal, bi-direction interface
 Supports wake-up function by slave select signal in slave mode
 Supports one data channel half-duplex transfer
 PDMA operation
I
2C
 Supports master and slave device capability
 Supports one transmit buffer and two receive buffer for data payload
 Communication in standard mode (100 kbps), fast mode (up to 400
kbps), and Fast mode plus (1 Mbps)
 Supports 10-bit mode
 Supports 10-bit bus time out capability
 Supports bus monitor mode
 Supports power-down wake-up by data toggle or address match
 Supports multiple address recognition
 Supports device address flag
 Programmable setup/hold time
Controller Area Network (CAN)
 One set of CAN 2.0B controller
 Each supports 32 Message Objects; each Message Object has its
own identifier mask
 Programmable FIFO mode (concatenation of Message Object)
 Disabled Automatic Re-transmission mode for Time Triggered CAN
applications
 Supports power-down wake-up function
Secure Digital Host Controller
(SDHC)
 One set of Secure Digital Host Controller, compliant with SD
Memory Card Specification Version 2.0
 Supports 50 MHz to achieve 200 Mbps at 3.3V operation
 Supports dedicated DMA master with Scatter-Gather function to
accelerate the data transfer between system memory and
SD/SDHC/SDIO card
External Bus Interface (EBI)
 Supports up to three memory banks with individual adjustment of
timing parameter
 Each bank supports dedicated external chip select pin with polarity
control and up to 1 MB addressing space
 8-/16-bit data width
 Supports byte write in 16-bit data width mode
 Supports variable external bus base clock (MCLK) which based on
HCLK
 Configurable idle cycle for different access condition: Idle of Write
command finish (W2X) and Idle of Read-to-Read (R2R)
 Supports Address/Data multiplexed mode
 Supports address bus and data bus separate mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com