Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2070DAP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2070DAP Datasheet HTML 5Page - Texas Instruments TPS2070DAP Datasheet HTML 6Page - Texas Instruments TPS2070DAP Datasheet HTML 7Page - Texas Instruments TPS2070DAP Datasheet HTML 8Page - Texas Instruments TPS2070DAP Datasheet HTML 9Page - Texas Instruments TPS2070DAP Datasheet HTML 10Page - Texas Instruments TPS2070DAP Datasheet HTML 11Page - Texas Instruments TPS2070DAP Datasheet HTML 12Page - Texas Instruments TPS2070DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range,
4.5 V
≤ VI(BP) ≤ 5.5 V, 4.85 V ≤ VI(SP) ≤ 5.5 V, 6 V ≤ VI(VEXT) ≤ 9 V, ENx = 0 V, EN_REG = 0 V,
BP_DIS = 0 V, CL(3.3V_OUT) = 10 µF (unless otherwise noted)
internal voltage regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage, dc
VI(BP) = 4.25 V to 5.5 V, IO = 5 mA to 100 mA
3.2
3.3
3.4
V
Dropout voltage
IO = 100 mA
0.6
V
Line regulation
VI(BP) = 4.25 V to 5.25 V, IO = 5 mA
0.1
%/v
Load regulation
VI(BP) = 4.25 V,
IO = 5 mA to 100 mA
0.6%
IOS
Short-circuit current limit†
VI(BP) = 4.25 V, 3.3V_OUT connected to GND
0.12
0.2
0.3
A
Pulldown transistor at 3.3V_OUTPUT
VI(3.3V_OUT) = 3.3 V
10
mA
(see Note 1)
VI(3.3V_OUT) = 1 V
5
mA
PSRR
Power-supply ripple rejection (see Note 1)
F = 1 kHz, CL(3.3V_OUT) = 4.7 µF,
ESR = 0.25
Ω , IO = 5 mA,
VI(BP)PP = 100 mV
40
dB
Low-level trip threshold voltage at PG
2.88
2.94
3
V
Vhys
Hysteresis voltage at PG (see Note 1)
50
100
mV
VOH
High-level output voltage at PG
4.25 V
≤ VI(BP) ≤ 5.25 V, IO = 2 mA
2.4
V
VOL
Low-level output voltage at PG
4.25 V
≤ VI(BP) ≤ 5.25 V, IO = 3.2 mA
0.4
V
Vref
Reference voltage at PG_DLY
1.22
V
Charge current at PG_DLY
3
uA
td
Delay time at PG (see Notes 1 and 2)
CL(PG_DLY) = 0.47 µF
190
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
NOTES:
1. Specified by design, not tested in production.
2. The PG delay time (td) is calculated using the PG_DLY reference voltage and charge current:
t
d +
C
L(PG_DLY)
V
ref
Charge Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com