Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2070DAP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2070DAP
Description  FOUR-PORT USB HUB POWER CONTROLLERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2070DAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2070DAP Datasheet HTML 12Page - Texas Instruments TPS2070DAP Datasheet HTML 13Page - Texas Instruments TPS2070DAP Datasheet HTML 14Page - Texas Instruments TPS2070DAP Datasheet HTML 15Page - Texas Instruments TPS2070DAP Datasheet HTML 16Page - Texas Instruments TPS2070DAP Datasheet HTML 17Page - Texas Instruments TPS2070DAP Datasheet HTML 18Page - Texas Instruments TPS2070DAP Datasheet HTML 19Page - Texas Instruments TPS2070DAP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
TPS2070, TPS2071
FOUR-PORT USB HUB POWER CONTROLLERS
SLVS287A – SEPTEMBER 2000 – REVISED FEBRUARY 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 21. Load Transient Response
0
100 200 300 400 500 600 700 800 900
t – Time –
µs
1000
TA = 25°C
CL (3.3 V_OUT) = 10 µF
IO(3.3 V_OUT)
(100 mA/div)
∆VO
(3.3 V_OUT)
(100 mV/div)
TYPICAL CHARACTERISTICS
Figure 22
180
182
184
186
188
190
192
194
196
–60 –40 –20
0
20
40
60
80
100 120 140
BP SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
Output Disabled
Output Enabled
TJ – Junction Temperature – °C
VI(BP) = 5 V
Figure 23
190
180
175
165
4.25
4.5
4.75
5
195
200
BP SUPPLY CURRENT
vs
INPUT VOLTAGE
205
5.25
5.5
Output Disabled
Output Enabled
185
170
VI(BP) – Input Voltage – V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com